PART |
Description |
Maker |
AME8750BEEY1828Z AME8750 AME8750AEEY1828Y AME8750A |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
2SA1774EBHZG |
PNP -50V -150mA General Purpose Transistor
|
ROHM
|
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
M54560P |
7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
2DC1774S 2DC1774R 2DC1774Q |
60V; 150mA PNP surface mount small signal transistor
|
Diodes
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
CPH5902 CPH5902G-TL-E CPH5902H-TL-E EN6962C |
N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5
|
ON Semiconductor
|
CSA1162Y-3E CSA1162 CSA1162GR_G-3F CSA1162GRG-3F C |
0.150W Low Frequency PNP SMD Transistor. 50V Vceo, 0.150A Ic, 200 - 400 hFE. Complementary CSC2712 LOW FREQUENCY GENERAL PURPOSE AMPLIFIER TRANSISTOR TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | SOT-23 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一c)| SOT - 23封装
|
CDIL[Continental Device India Limited]
|
CSC3114 CSC3114R CSC3114S CSC3114T CSC3114U CSC319 |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|2
|
Electronic Theatre Controls, Inc.
|